Part Number Hot Search : 
C85RH0 990109 HD14194B VS3244Q 2SC43 17000 M7805 802B6
Product Description
Full Text Search
 

To Download XC6802A42XER-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/21 xc6802 series 800ma single cell li-ion battery linear charger ic  general description the xc6802 series is a constant-current/constant-voltage linear charger ic for single cell lithium-ion batteries. the xc6802 includes a reference voltage source, battery voltage monitor, dr iver transistor, constant-curren t/constant-voltage charge circu it, over heat protection circuit, phase compensation circuit. the ba ttery charge termination voltage is internally set to 4.2v ? 0.7% and the trickle charge voltage and accuracy is 2.9v ? 3%. in trickle charge mode, a safe charge to a battery is possible because approximately 1/10 out of setting charge current is supplied to the battery. with an external r sen resistor, the charge current can be set freely up to 800ma (max.), therefore, the series is ideal for vari ous battery charge applications. the seri es? charge status output pin, /chg pin, is ca pable of checking the ic?s charging state while connecting with an external led.  a pplications ? ? charging docks, charging cradles ? ? mp3 players, portable audio players ? ? cellular phones, pdas ? ? bluetooth headsets  ? features operating voltage range : 4.25v ~ 6.0v charge current : external ly set up to 800ma (max.) charge termination voltage : 4.2v ? 0.7% trickle charge voltage : 2.9v ? 3% supply current (stand-by) : 15  a (typ.) function : constant-current/constant-voltage operation thermal shutdown automatic recharge charge status output pin soft-start function (inrush limit current) operating ambient temperature : -40 ?? +85 ? packages : sot-89-5, sot-25, usp-6c, usp-6el environmentally friendly : eu rohs compliant, pb free  typical application circuit etr2501-006  typical performance characteristics ? battery charge cycle li-ion battery charge cycle 0 100 200 300 400 500 600 700 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 time (hours) charge current i bat (ma) 3.00 3.20 3.40 3.60 3.80 4.00 4.20 4.40 battery voltage v bat (v) vin=5.0v, cin=1uf rsen=2kohm , 830mah batter y charge current battery voltage vin=5.0v, cin=1  f rsen=2k ? , 830mah battery li-ion battery charge cycle batter y volta g e charge current charge current : i bat (ma) battery voltage : v bat (v) time ( hour )
2/21 xc6802 series xc6802a42x pin name conditions ic operation h level (1.4v Q v sen Q v in ) or open off (shutdown mode) i sen pull-down by external components on, charge current i bat =1000 / r sen * * for sot-25, sot-89-5, and usp-6c, charge current should be set to become i bat Q 800ma. for usp-6el, charge current should be set to become i bat Q 500ma. pin number sot-25 sot-89-5 usp-6c usp-6el pin name functions 1 5 3 3 /chg charge status output pin 2 2 2 2 v ss ground 3 4 1 1 bat charge current output pin 4 3 6 6 v in input voltage pin 5 1 4 4 i sen charge current setup pin - - 5 5 nc no connection designator item symbol description pr sot-89-5 (1,000/reel) pr-g sot-89-5 (1,000/reel) mr sot-25 (3,000/reel) mr-g sot-25 (3,000/reel) er usp-6c (3,000/reel) er-g usp-6c (3,000/reel) ?? - (*1) packages (order unit) 4r-g usp-6el (3,000/reel)  pin configuration  pin assignment  ? product classification ? ordering information xc6802a42x ?? - * the dissipation pad for the usp-6c / usp-6el package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat releas e. if the pad needs to be connected to other pins, it should be connected to the v ss (no. 2) pin. (*1) the ?-g? suffix denotes halogen and antimony free as well as being fully rohs compliant.  functions
3/21 xc6802 series * diodes inside the circuits are esd protection diodes and parasitic diodes. parameter symbol ratings unit v in pin voltage v in -0.3 ~ + 6.5 v isen pin voltage v sen -0.3 ~ v in + 0.3 or +6.5 (*2) v bat pin voltage v bat -0.3 ~ + 6.5 v /chg pin voltage v /chg -0.3 ~ + 6.5 v sot-89-5 sot-25 usp-6c 900 bat pin current (*1) usp-6el i bat 550 ma 500 sot-89-5 1300 (pcb mounted) (*3) 250 sot-25 600 (pcb mounted) (*3) 120 usp-6c 1000 (pcb mounted) (*3) 120 power dissipation usp-6el pd 1000 (pcb mounted) (*3) mw operating temperature range topr - 40 ~ + 85 ? storage temperature range tstg - 55 ~ + 125 ?  block diagram  a bsolute maximum ratings ta = 2 5 ? all voltages are described based on the v ss pin. (*1) please use within the range of i bat Q pd/(v in -v bat ). (*2) the maximum rating corresponds to the lowest value between v in +0.3 or +6.5. (*3) this is a reference data taken by using the test board. please refer to page 17 to 20 for details.
4/21 xc6802 series ta = 2 5 ? parameter symbol conditions min typ max unit circuit input voltage v in 4.25 - 6.0 v - supply current i ss charge mode, r sen =10k ? - 15 35  a ? stand-by current i stby stand-by mode - 15 35  a ? shut-down current i shut shut-down mode (r sen =nc, v in 5/21 xc6802 series  operational explanation if the bat pin voltage is less than trickle voltage (typ. 2.9v), t he charger enters trickle charge mode. in this mode, a safe battery charge is possible because approximately only 1/10 of the charge current which was set by the i sen pin, is supplied to the battery. when the bat pin voltage rises above the trickle voltage, the charger enters constant-current mode (cc mode) and the battery is charged by the programmed charge curren t. when the bat pin voltage reaches 4.2v, the charger enters constant-voltage mode (cv mode) automatically. after this, t he charge current starts to drop and when it reaches a level which is 1/10 of the programmed c harge current, the charge terminates. the charge current can be set by connecting a resistor between the i sen pin and the v ss pin. the battery charge current, i bat , is 1000 times the current out of the i sen pin. therefore, t he charge current, i bat , is calculated by the following equations: i bat = (v isen / r sen ) x 1000 (v isen = 1.0v (typ.): current sense pin voltage) however i bat ? 800ma (sot-25, sot-89-5, and usp-6c), i bat ? 500ma (usp-6el) the battery charge is terminated when the charge current decreases to 1/10 of the full charging level after the battery pin voltage reaches a float voltage. an internal comparator monitors the i sen pin voltage to detect the charge termination. when the comparator monitors the i sen pin voltage is less than 100mv (charge termination detect) (*1) for 1ms typ. (charge termination detect time), the ic enters stand-by mode. a driver transistor turns off during the stand-by mode. in this state, a failure detection circuit and a monitoring circuit of the battery pin voltage operates. (*1) the detect after charging completed: i sen pin voltage should be less than 100mv. in stand-by mode battery voltage falls. when the voltage level at the battery pin drops to recharge battery threshold voltage (typ. 4.05v) or less, the charge cycle automatically re-starts a fter a delay of (typ. 2ms). as such, no external activation control is needed. charge cycle (charge main routine) trickle charge constant-current charge (cc) constant-voltage charge (cv) ye s keeping the charge state during a charge termination detect time (1ms) charge termination (stand-by mode) ye s keeping the stand-by mode during a recharge time (2ms) failure detection input voltage monitor (uvlo) manual shut-down v in -bat voltage monitor charge cycle charge cycle charge cycle shut-down shut-down shut-down
6/21 xc6802 series  operational explanation (continued) the /chg pin constantly monitors the charge states classified as below: ? strong pull-down: i /chg =10ma (typ.) in a charge cycle, ? weak pull-down: i /chg =20  a (typ.) in a stand-by mode, ? high impedance: in shutdown mode. even if the bat pin is shorted to the v ss , a trickle charge mode starts to operate for protecting the ic from destruction caused by over current. the uvlo circuit keeps the charger in shut-down mode until the input voltage, v in , rises more than the uvlo voltage. moreover, in order to protect the battery charger, the uvlo circuit keeps the charger in shut-down mode when a voltage between the input pin voltage and bat pin voltage falls to less t han 30mv (typ.). the charge will not restart until the voltag e between the input pin voltage and bat pin voltage rises more t han 100mv (typ.). during the shut-down mode, the driver transistor turns off but a failure detection circuit operates, and supply current is reduced to 10  a (typ.). to protect against inrush current from the input to the batte ry, soft-start time is set in the circuit optimally (150  s, typ.). during the charge cycle, the ic can be shif ted to the shut-down mode by floating the i sen pin. for this, a drain current to the battery is reduced to less than 2  a and a shut-down current of the ic is reduced to less than 10  a (typ.). a new charge cycle starts when reconnecting the current sense resistor. when the bat pin is left open, the ic needs to be shut-down once after monitoring the chg pin by a microprocessor etc and keeping the i sen pin in h level. a backflow prevention circuit protects against current flowing from the bat pin to the v in pin even the bat pin voltage is higher than the v in pin voltage. 4.20v 4.05v 2.9v cc cv trickle standby recharge battery time (2ms, typ) recharge battery voltage i bat /10 charge current i bat battery termination detect time (1ms, typ) /chg pin status weak pull down (20ua, typ) strong pull down (10ma, typ) strong pull down (10ma, typ)
7/21 xc6802 series 1. for temporary, transitional voltage dr op or voltage rising phenomenon, the ic is liable to malfunction should the ratings be exceeded. 2. where wiring impedance is high, operatio ns may become unstable due to noise and/or phase lag depending on output current. please wire the c in as close to the ic as possible. 3. torex places an importance on improvi ng our products and their reliability. we request that users incorporate fail-safe designs and post-agi ng protection treatment when using torex products in their systems. notes on use
8/21 xc6802 series  test circuits 1. on resistance, shut-down voltage, i sen pull-up current 2. battery termination detect time, recharge battery time c/10 charge termination current threshold1 ? 2, battery termination voltage1 3. trickle charge current1 ? 2, battery current1 ? 3, battery current5 i sen pin voltage, trickle charge voltage, uvlo, recharge battery threshold voltage v in -v bat shut-down release voltage, /chg pin weak pull-down current /chg pin stron g pull-down current, stand-b y current, shut-down current 5. battery current 4 6. soft-start 4. /chg pin, output low voltage
9/21 xc6802 series  typical performance characteristics 1? 2` xc6802a42x 0 20 40 60 80 100 120 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 ??`?Rv bat (v) ??`i bat (ma) -40 25 85 v in =5v, r sen =10k xc6802a42x 0 100 200 300 400 500 600 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 ??`?Rv bat (v) ??`i bat (ma) -40 25 85 v in =5v, r sen =2k xc6802a42x 0 20 40 60 80 100 120 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 ??`?Rv bat (v) ??`i bat (ma) vin=4.5v vin=5.0v vin=5.5v vin=6.0v r sen =10k xc6802a42x 0 100 200 300 400 500 600 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 ??`?Rv bat (v) ??`i bat (ma) vin=4.5v vin=5.0v vin=5.5v vin=6.0v r sen =2k xc6802a42x 0 200 400 600 800 1000 0 0.3 0.6 0.9 1.2 1.5 ?rgtime (hour) ??`i bat (ma) 3.00 3.30 3.60 3.90 4.20 4.50 ??`?Rv bat (v) ??`?R ??` v in =5v, c in =1.0f r sen =1.25k, 420mah battery xc6802a42x 0 200 400 600 800 1000 0 0.3 0.6 0.9 1.2 1.5 ?rgtime (hour) ??`i bat (ma) 3.00 3.30 3.60 3.90 4.20 4.50 ??`?Rv bat (v) ??`?R ??` v in =5v, c in =1.0f r sen =1.25k, 850mah battery (1) charge cycle (2) battery current vs. battery voltage battery voltage battery current battery voltage battery current charge time (hour) charge time (hour) battery current: i bat (ma) battery current: i bat (ma) battery voltage: v bat (v) battery voltage: v bat (v) battery current: i bat (ma) battery current: i bat (ma) battery voltage: v bat (v) battery voltage: v bat (v) battery voltage: v bat (v) battery voltage: v bat (v) battery current: i bat (ma) battery current: i bat (ma)
10/21 xc6802 series  typical performance characteristics (continued) 3?R` 4?R - ?? xc6802a42x 4.16 4.17 4.18 4.19 4.20 4.21 4.22 4.23 4.24 -50 -25 0 25 50 75 100 ???ta ?R1v float1 v v in =5v, i bat =40ma, r sen =10k xc6802a42x 4.16 4.17 4.18 4.19 4.20 4.21 4.22 4.23 4.24 -50 -25 0 25 50 75 100 ???ta ?R1v float1 v v in =5v, i bat =200ma, r sen =2k xc6802a42x 4.00 4.05 4.10 4.15 4.20 4.25 50 60 70 80 90 100 110 ??`i bat (ma) ??`?Rv bat (v) -40 25 85 v in =5v, r sen =10k xc6802a42x 4.00 4.05 4.10 4.15 4.20 4.25 250 300 350 400 450 500 550 ??`i bat (ma) ??`?Rv bat (v) -40 25 85 v in =5v, r sen =2k xc6802a42x 4.00 4.05 4.10 4.15 4.20 4.25 50 60 70 80 90 100 110 ??`i bat (ma) ??`?Rv bat (v) vin=4.5v vin=5.0v vin=5.5v vin=6.0v r sen =10k xc6802a42x 4.00 4.05 4.10 4.15 4.20 4.25 250 300 350 400 450 500 550 ??`i bat (ma) ??`?Rv bat (v) vin=4.5v vin=5.0v vin=5.5v vin=6.0v r sen =2k (3) battery voltage vs. battery current battery voltage: v bat (v) battery voltage: v bat (v) battery current: i bat (ma) battery current: i bat (ma) battery current: i bat (ma) battery current: i bat (ma) battery voltage: v bat (v) battery voltage: v bat (v) (4) charge termination volta ge vs. ambient temperature ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) charge termination voltage: v float1 (v) charge termination voltage: v float1 (v)
11/21 xc6802 series  typical performance characteristics (continued) 5??` - ?? 6?? - ?? 7???R - ?? 8??????R - ?? xc6802a42x 14 13 12 11 10 9 8 7 6 -50 -25 0 25 50 75 100 ???ta ??1 i trikl1 ma xc6802a42x 70 65 60 55 50 45 40 35 30 -50 -25 0 25 50 75 100 ???ta ??2 i trikl2 ma v in =5v, v bat =2.5v, r sen =10k v in =5v, v bat =2.5v, r sen =2k xc6802a42x 120 110 100 90 80 -50 -25 0 25 50 75 100 ???ta ??`1i bat1 ma xc6802a42x 540 520 500 480 460 -50 -25 0 25 50 75 100 ???ta ??`2i bat2 ma v in =5v, v bat =3.8v, r sen =10k v in =5v, v bat =3.8v, r sen =2k xc6802a42x 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 -50 -25 0 25 50 75 100 ???ta ???Rv trikl v ???R ???R v in =5v xc6802a42x 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 -50 -25 0 25 50 75 100 ???ta ??????Rv sd v ??????R? ??????R (5) battery current vs. ambient temperature battery current1: i bat1 (ma) battery current2: i bat2 (ma) ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) (6) trickle charge current vs. ambient temperature trickle charge current1: i trikl1 (ma) trickle charge current2: i trikl2 (ma) (7) trickle voltage vs. ambient temperature (8) manual shutdown voltage vs. ambient temperature ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) trickle voltage: v trikl (v) manual shutdown voltage: v sd (v) trickle voltage (release) trickle voltage (detect) manual shutdown voltage (detect) manual shutdown voltage (release)
12/21 xc6802 series  typical performance characteristics (continued) 9uvlo?R - ?? 11??rg - ?? 12??rg - ?? 13???R - ?? 14??`?rg - ?? 10vin-vbatg???R - ?? xc6802a42x 0.0 0.5 1.0 1.5 2.0 2.5 -50 -25 0 25 50 75 100 ???ta ??rgt term ms v in =5v xc6802a42x 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -25 0 25 50 75 100 ???ta ??rgt rechrg ms v in =5v xc6802a42x 3.35 3.45 3.55 3.65 3.75 3.85 3.95 -50 -25 0 25 50 75 100 ???ta uvlo?Rv uvlo v uvlo?R? uvlo?R xc6802a42x 0 40 80 120 160 200 -50 -25 0 25 50 75 100 ???ta v in -v bat g???Rv asd v vin-vbatg???R? vin-vbatg???R xc6802a42x 80 100 120 140 160 180 200 220 -50 -25 0 25 50 75 100 ???ta ???Rv rechrg mv v in =5v xc6802a42x 80 100 120 140 160 180 200 220 -50-250 255075100 ???ta ??`?rgt ss s v in =5v (9) uvlo voltage vs. ambient temperature (10) v in ? v bat shutdown voltage vs. ambient temperature ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) uvlo voltage: v uvlo (v) v in ? v bat shutdown release voltage: v asd (v) (11) charge termination detect time vs. ambient temperature (12) recharge time vs. ambient temperature ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) (13) recharge threshold voltage vs. ambient temperature (14) soft start time vs. ambient temperature charge termination detect time: t term (ms) recharge time: t rechrg (ms) recharge threshold voltage: v rechrg (mv) soft start time: ss ( s) uvlo voltage (detect) uvlo voltage (release) v in -v bat shutdown voltage (detect) v in -v bat shutdown voltage (release)
13/21 xc6802 series  typical performance characteristics (continued) 15on? - ?? 16?? - ?? 17 - ?? 18/chg weak pull down 19/chg strong pull down 20/chg?low?R - ?? xc6802a42x 0.0 0.2 0.4 0.6 0.8 1.0 -50 -25 0 25 50 75 100 ???ta on?r on ? v in =4.15v, i bat =100ma, v isen =0.5v xc6802a42x 0 5 10 15 20 25 -50 -25 0 25 50 75 100 ???ta ??i shut a v in =5v, r sen =nc xc6802a42x 0 5 10 15 20 25 30 35 -50 -25 0 25 50 75 100 ???ta i stby a v in =5v, v bat =4.3v xc6802a42x 0 5 10 15 20 25 30 35 40 45 0.0 1.0 2.0 3.0 4.0 5.0 6.0 /chg?Rv chg (v) /chg weak_pull_downi chg1 a) -40 25 85 v in =5v, v bat =4.3v xc6802a42x 0 5 10 15 20 25 0123456 /chg?Rv chg (v) /chg strong_pull_downi chg2 (ma) -40 25 85 v in =5v, v bat =4.0v xc6802a42x 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -50 -25 0 25 50 75 100 ???ta /chg low?Rv /chg v i /chg =5ma, v in =5v, v bat =2.5v (15) on resistance vs. ambient temperature (16) shutdown current vs. ambient temperature (17) stand-by current vs. ambient temperature (18) /chg weak pull down cu rrent vs. /chg pin voltage ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) ambient temperature: ta ( ? ) /chg pin voltage: v chg (v) on resistance: r on ( 
) shutdown current: i shut (  a) stand-by current: i stby (  a) /chg weak pull down current: i chg1 (  a) /chg pin voltage: v chg (v) ambient temperature: ta ( ? ) /chg pin output low voltage: v/ chg (v) /chg strong pull down current: i chg2 (ma) (19) /chg strong pull down current vs. /chg pin voltage (20) /chg pin output low vo ltage vs. ambient temperature
14/21 xc6802 series  packaging information ? sot-25 ? sot-89-5 ? usp-6c ? usp-6c reference pattern layout ? usp-6c reference metal mask design (unit : mm) 1.80.05 0.50 (0.10) 1.40.1 0.200.05 0.300.05 0.100.05 1pin indent 0.225 0.5 0.5 0.25 1.8 0.25 0.25 1.4 1.2 0.6 0.25 0.25 0.25 0.225 0.5 0.5 (unit : mm) 1.0 1.6 +0.15 -0.2 4.50.1 2.50.1 0.8 min 4.35 max 0.420.06 0.420.06 0.470.06 8 8 (0.1) 1.50.1 1.50.1 1.50.1 5 5 0.4 +0.03 -0.02 0.4 +0.03 -0.02 123 (0.4) 0.8 min 4 5 0.420.06 0.420.06 0.420.06 2
15/21 xc6802 series ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? packaging information (continued) 2 13 654 1.80.05 0.30.05 (0.55 1.50.05 1pin indent ? usp-6el (unit: mm) usp-6el reference metal mask design usp-6el reference pattern layout 0.3 0.3 0.9 2.2
16/21 xc6802 series ? represents product series mark product series n xc6802******-g ? standard product, represent the 7 th digits mark product series a xc6802a*****-g ? standard product, represents the 8 th digits mark product series 4 xc6802*4****-g ?? represents production lot number 01 to 09, 0a to 0z, 11 to 9z , a1 to a9, aa to az, b1 to zz in order. (g, i, j, o, q, w excepted) *no character inversion used.  marking rule 1pin uspxx(5???) 123 54 sot-25 sot89-5 524 123 usp-6c / usp-6el sot-25 sot-89-5 1 pin
17/21 xc6802 series ? ? sot-89-5 power dissipation board mount (tj max = 125 ? ) ambient temperature power dissipation pd mw thermal resistance ( /w) 25 1300 85 520 76.92 pd-ta? 0 200 400 600 800 1000 1200 1400 25 45 65 85 105 125 x?ta S?p?pdmw power dissipation data for the sot-89-5 is shown in this page. the value of power dissipation varies with the mount board conditions. please use this data as one of referenc e data taken in the described condition. 1. measurement condit ion (reference data) condition: mount on a board ambient: natural convection soldering: lead (pb) free board: dimensions 40 x 40 mm (1600 mm 2 in one side) copper (cu) traces occupy 50% of the board area in top and back faces package heat-sink is tied to the copper traces material: glass epoxy (fr-4) thickness: 1.6 mm through-hole: 5 x 0.8 diameter evaluation board (unit: mm) 2. power dissipation vs. ambient temperature pd vs. ta ambient temperature ta ( ? ) power dissipation pd (mw)  packaging information (continued)
18/21 xc6802 series ? ? sot-25 power dissipation board mount (tj max = 125 ? ) ambient temperature power dissipation pd mw thermal resistance ( /w) 25 600 85 240 166.67 pd-ta? 0 100 200 300 400 500 600 700 25 45 65 85 105 125 x?ta S?p?pdmw  packaging information (continued) power dissipation data for the sot-25 is shown in this page. the value of power dissipation varies with the mount board conditions. please use this data as one of referenc e data taken in the described condition. 1. measurement condit ion (reference data) condition: mount on a board ambient: natural convection soldering: lead (pb) free board: dimensions 40 x 40 mm (1600 mm 2 in one side) copper (cu) traces occupy 50% of the board area in top and back faces package heat-sink is tied to the copper traces (board of sot-26 is used.) material: glass epoxy (fr-4) thickness: 1.6 mm through-hole: 4 x 0.8 diameter evaluation board (unit: mm) 2. power dissipation vs. ambient temperature pd vs. ta ambient temperature ta ( ? ) power dissipation pd (mw)
19/21 xc6802 series pd vs. ta 0 200 400 600 800 1000 1200 25 45 65 85 105 125 ambient temperature ta power dissipation pdmw ? ? usp-6c power dissipation power dissipation data for the usp-6c is shown in this page. the value of power dissipation varies with the mount board conditions. please use this data as one of referenc e data taken in the described condition. 1. measurement condit ion (reference data) condition: mount on a board ambient: natural convection soldering: lead (pb) free board: dimensions 40 x 40 mm (1600 mm 2 in one side) copper (cu) traces occupy 50% of the board area in top and back faces package heat-sink is tied to the copper traces material: glass epoxy (fr-4) thickness: 1.6 mm through-hole: 4 x 0.8 diameter evaluation board (unit: mm) 2. power dissipation vs. ambient temperature board mount (tj max = 125 ? ) ambient temperature power dissipation pd mw thermal resistance ( /w) 25 1000 85 400 100  packaging information (continued)
20/21 xc6802 series usp-6el power dissipation ? power dissipation data for the usp-6el is shown in this page. the value of power dissipation varies with the mount board conditions. please use this data as one of referenc e data taken in the described condition. ? 1. measurement condit ion (reference data) condition: mount on a board ambient: natural convection soldering: lead (pb) free board: dimensions 40 x 40 mm (1600 mm 2 in one side) copper (cu) traces occupy 50% of the board area in top and back faces package heat-sink is tied to the copper traces material: glass epoxy (fr-4) thickness: 1.6 mm through-hole: 4 x 0.8 diameter ? ? ? ? ? ? ? ? evaluation board (unit: mm) ? 2. power dissipation vs. ambient temperature board mount (tj max = 125 ? ) ambient temperature power dissipation pd mw thermal resistance ( /w) 25 1000 85 400 100.00 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? pd-ta? 0 200 400 600 800 1000 1200 25 45 65 85 105 125 ??ta S?p?pdmw  packaging information (continued) pd vs. ta ambient temperature ta ( ? ) power dissipation pd (mw)
21/21 xc6802 series ? ? ? 1. the products and product specifications cont ained herein are subject to change without notice to improve performance characteristic s. consult us, or our representatives before use, to confirm that the informat ion in this datasheet is up to date. 2. we assume no responsibility for any infri ngement of patents, pat ent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. the products in this datasheet are not devel oped, designed, or approved for use with such equipment whose failure of malfuncti on can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transpor t; combustion and associated safety equipment thereof.) 5. please use the products listed in this datasheet within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this dat asheet may be copied or reproduced without the prior permission of torex semiconductor ltd.


▲Up To Search▲   

 
Price & Availability of XC6802A42XER-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X